Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MM Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 2MM
Description  Motor Protector/Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2MM Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  2MM Datasheet HTML 1Page - Sensata Technologies, Inc. 2MM Datasheet HTML 2Page - Sensata Technologies, Inc. 2MM Datasheet HTML 3Page - Sensata Technologies, Inc. 2MM Datasheet HTML 4Page - Sensata Technologies, Inc. 2MM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
2MM
Motor Protector/Thermal Cut-Out
Design and Operating Principles
Introduction
Applications
The motor protector 2MM consists of a metal housing that holds and
protects the inner components against infiltration as well as mechanical
deformation.
The can contains the calibrated Klixon® disc carrying a silver contact.
The fixed contact is placed on the opposite side, separated from the
terminal by an insulator. The 2MM is available in two versions: with
epoxy insulation and with additional sleeve.
The operating principle of the 2MM is both simple and effective. A
current flows through the resistive Klixon® bimetal disc. When a fault
condition occurs, the increased current and ambient temperature make
the bimetal disc snap open the contacts. The contacts close again
automatically as the device cools down to a safe running temperature.
Sensata Technologies builds the 2MM motor protector to meet almost any requirement of protection in a wide range of small motors, small transformers,
solenoids, etc.. This compact motor protector is the best solution to protect the wide variety of motors used in industrial and domestic appliances
against locked rotor and overload situations.
The 2MM operates as a sensitive safety cut-out for applications like:
· Small motors
· Coils
· Solenoid valves
· Transformers
In single phase motors it can be mounted directly in the main circuit to
serve as on- or in-winding protector. It’s compact size provides ease
of installation, even in small spaces. At this time there is practically
no small motor the 2MM cannot protect against overheating and
overloading. Sensata Technologies 2MM provides you with a cost
effective solution in terms of maximum quality and reliability.
Standard Operating Temperature Range
from 70°C - 160°C in 5K steps
Tolerance on Open Temperature
± 10K (UL type ±5, ±7)
Max. Ambient Temperature 175°C
175°C
Differential
20K minimum
SPECIFICATIONS


Similar Part No. - 2MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
TE Connectivity Ltd
2MM-RCD-D08-BX TEC-2MM-RCD-D08-BX Datasheet
1Mb / 3P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
2MM-RCP-S04-BX TEC-2MM-RCP-S04-BX Datasheet
1Mb / 5P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
logo
List of Unclassifed Man...
2MMT120 ETC2-2MMT120 Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results

Similar Description - 2MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com