Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MM Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # 2MM
Description  Motor Protector/Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2MM Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  2MM Datasheet HTML 1Page - Sensata Technologies, Inc. 2MM Datasheet HTML 2Page - Sensata Technologies, Inc. 2MM Datasheet HTML 3Page - Sensata Technologies, Inc. 2MM Datasheet HTML 4Page - Sensata Technologies, Inc. 2MM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sensata.com
Page 4
Copyright © 2018 Sensata Technologies, Inc.
ORDERING OPTIONS
Example : (*)2MMT/F XXX YYY
Family
Standard Opening Temperature
Wire Lead Code**
Blank: Epoxy or Sleeving Epoxy Provided
N: Naked, No Epoxy or Sleeve Provided
NS: Naked, No Epoxy, but with Sleeve Provided
C: Naked, Sealed in Housing Provided
70, 75, 80, 85, 90, 95, 100, 105, 110, 115, 120, 125, 130, 135, 140, 145, 150, 155, 160
** Size and length on customer request
(*)2MMT: Open Temperature Tolerance ±7K, ±10K
(*)2MMF: Open Temperature Tolerance ±5K
Available also: Doublet and Triplet types
(*)2MMT/F
XXX
YYY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com