Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MM Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 2MM
Description  Motor Protector/Thermal Cut-Out
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2MM Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  2MM Datasheet HTML 1Page - Sensata Technologies, Inc. 2MM Datasheet HTML 2Page - Sensata Technologies, Inc. 2MM Datasheet HTML 3Page - Sensata Technologies, Inc. 2MM Datasheet HTML 4Page - Sensata Technologies, Inc. 2MM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Declarations to EN60730-2-9
Declarations to EN60730-2-2 / EN60730-2-3
Purpose of the Control
Thermal Cut-Out
Thermal Motorprotector / Thermal Ballast Protector
Construction
Incorporated, non electric
Degree of Protection
IP00
Terminals for Ext. Conductors
For internal conductors only
Temperature Limits of the
Switchhead
175°C
PTI of Insulation Materials
PTI 250
PTI 250
Method of Mounting
On-winding or by special means in
the appliance
On-winding or by special means in the appliance
Operating Time
For continuous operation
Type of Action
Type 2B
Type 3C / Type 2C
Reset Characteristic
Automatic
Automatic
Extent of Sensing Element
Whole control
Control Pollution Degree
Epoxy version: Degree 3
Naked version: Degree 1
Epoxy version: Degree 3
Naked version: Degree 1
7.0 (2.0) A 250 Vac (3.000 cycles)
TECHNICAL SPECIFICATIONS
Declarations
Maximum Contact Rating
Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com