Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet (PDF) - OSRAM GmbH

AS7211 Datasheet PDF - OSRAM GmbH
Part # AS7211
Download  AS7211 Download
File Size   1114.54 Kbytes
Page   37 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces

AS7211 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7211 Datasheet PDF - OSRAM GmbH

Part # AS7211
Download  AS7211 Click to download

File Size   1114.54 Kbytes
Page   37 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces

AS7211 Datasheet (HTML) - OSRAM GmbH


AS7211 Product details

Features
• Calibrated photopic sensing for direct lux
compensation for daylighting systems
• Autonomous lumen output adjustment
independent of LED aging effects
• Simple UART interface for connection to network
hardware clients for protocols such as Bluetooth,
ZigBee and WiFi
• Smart Lighting Command Set (SLCS) uses simple
text-based commands to control and configure a
wide variety of functions
• Directly interfaces to 0-10V dimmer controls and
standard occupancy sensors
• Built-in PWM generator to dim LED lamps and
luminaires
• 12-bit resolution for precise dimming down to 1%
• 0-10V analog output for control of conventional
fluorescent or other dimming ballasts
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm with
integrated aperture -40°C to 85°C




Similar Part No. - AS7211

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS7211 AMSOSRAM-AS7211 Datasheet
1Mb / 37P
Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
2016-Dec-23
AS7211-BLGT AMSOSRAM-AS7211-BLGT Datasheet
1Mb / 37P
Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
2016-Dec-23
More results


Similar Description - AS7211

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
FULLY INTEGRATED BALLAST CONTROL IC
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
Daylight sensor
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
2.5-Gbps Network Processor with Integrated Traffic Manager
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor
20-Jul-12
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
STMicroelectronics
ST-ONE STMICROELECTRONICS-ST-ONE Datasheet
292Kb / 12P
Fully integrated controller for smart chargers
25-May-2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com