Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 2 Page - OSRAM GmbH

  AS7211 Datasheet HTML 1Page - OSRAM GmbH AS7211 Datasheet HTML 2Page - OSRAM GmbH AS7211 Datasheet HTML 3Page - OSRAM GmbH AS7211 Datasheet HTML 4Page - OSRAM GmbH AS7211 Datasheet HTML 5Page - OSRAM GmbH AS7211 Datasheet HTML 6Page - OSRAM GmbH AS7211 Datasheet HTML 7Page - OSRAM GmbH AS7211 Datasheet HTML 8Page - OSRAM GmbH AS7211 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Dec-23
Document Feedback
AS7211
Smart Daylighting Manager with Fully
Integrated Daylight Sensor, Control
and Network Interfaces
The AS7211 Smart Lighting Manager device is an intelligent,
photopic-sensor based light manager that enables automatic
daylight level adaptation and energy conservation for next
generation lighting systems. It is part of the ams Cognitive
Lighting™ family of products that enable lights to be “aware”
and adapt to their surroundings and autonomously meet
human and energy conservation lighting needs.
The AS7211 is equipped with an advanced Cognitive Light
Engine (CLE) to optimize daylight harvesting and control either
dimming ballasts or LED drivers. Ambient light sensing is
achieved by way of integrated nano-optic deposited
interference filters which deliver high-stability over time and
temperature. The LGA package includes a built in aperture to
control light entering the sensor array.
A direct connection to a local sensor networks (LSN) enables
integration with external occupancy sensors, dimmers or
bridges. The AS7211 connects to standard 0-10V dimmers
inputs and drives 0-10V dimming ballasts/drivers for
fluorescent lighting or LED drivers for LED lighting. A UART
interface is provided for remote configuration, control and
management of the CLE. This UART interface responds to simple
Smart Lighting Commands.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com