Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 10Page - OSRAM GmbH AS7211 Datasheet HTML 11Page - OSRAM GmbH AS7211 Datasheet HTML 12Page - OSRAM GmbH AS7211 Datasheet HTML 13Page - OSRAM GmbH AS7211 Datasheet HTML 14Page - OSRAM GmbH AS7211 Datasheet HTML 15Page - OSRAM GmbH AS7211 Datasheet HTML 16Page - OSRAM GmbH AS7211 Datasheet HTML 17Page - OSRAM GmbH AS7211 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Dec-23
Document Feedback
AS7211 − Detailed Description
AS7211 Smart Lighting Manager - Overview
The Cognitive Light Engine (CLE) is the “brains” of the Smart
Lighting Manager. The CLE constantly processes information
from the photopic sensor, network and inputs while controlling
outputs. Initial setup and ongoing parameter storage is done
by reading and writing an external serial flash memory via SPI
bus.
A luminaire solution for daylighting requires only the AS7211.
A luminaire solution with daylighting and lumen maintenance
requires the addition of an ams TSL4531 single chip ambient
light sensor, connected via I²C. Refer to the table in the Figure
below.
Overall AS7211 timing generation uses an on chip 16MHz
temperature compensated oscillator for master clock timing.
Refer to the separate AS7211 User Guide as well as the ams
Smart Lighting Command Set document for additional usage
and setup information.
Figure 15:
AS7211 Solution Chart
Solution Required
Device Orientation
(from luminaire light source)
Daylighting
Lumen Maintenance
AS7211
TSL4531
(optional)
√
x
↓
(into room)
x
(not required)
x
√
↑
(into luminaire)
x
(not required)
√√
↑
(into luminaire)
↓
(into room)
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com