Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 23Page - OSRAM GmbH AS7211 Datasheet HTML 24Page - OSRAM GmbH AS7211 Datasheet HTML 25Page - OSRAM GmbH AS7211 Datasheet HTML 26Page - OSRAM GmbH AS7211 Datasheet HTML 27Page - OSRAM GmbH AS7211 Datasheet HTML 28Page - OSRAM GmbH AS7211 Datasheet HTML 29Page - OSRAM GmbH AS7211 Datasheet HTML 30Page - OSRAM GmbH AS7211 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − PCB Pad Layout
Suggested PCB pad layout guidelines for the LGA package are
show. Flash Gold is recommended as a surface finish for the
landing pads.
Figure 32:
Recommended PCB Pad Layout
Note(s):
1. Unless otherwise specified, all dimensions are in millimeters.
2. Dimensional tolerances are ±0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
PCB Pad Layout
1
4.40
0.30
0.65
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com