Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 19Page - OSRAM GmbH AS7211 Datasheet HTML 20Page - OSRAM GmbH AS7211 Datasheet HTML 21Page - OSRAM GmbH AS7211 Datasheet HTML 22Page - OSRAM GmbH AS7211 Datasheet HTML 23Page - OSRAM GmbH AS7211 Datasheet HTML 24Page - OSRAM GmbH AS7211 Datasheet HTML 25Page - OSRAM GmbH AS7211 Datasheet HTML 26Page - OSRAM GmbH AS7211 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Application Information
Schematics
Figure 27:
Constant Current LED Daylighting with Networking and Spectral Sensing
Figure 28:
Constant Voltage LED Daylighting with Networking and Spectral Sensing
Application Information
100 nF
RX
PWM_1/0_10V_O
GND LED_IND
SCK
CSN_EE
MISO
MOSI
VDD
VDDHV
AS7211
10uF
3V
Flash
Memory
3V
AC/DC
LED Driver
MODE
AUX
TX
0_10V_DIM
AC
12V
Dimming
Control Output
Occupancy
Sensor
Network
Bridge
BLE
Wi-Fi
ZigBee
BacNet
KNX
0..10V
Dimmer
Additional
Sensors I
2C
SDA_M
SCL_M
100 nF
RX
PWM_1/0_10V_O
GND LED_IND
SCK
CSN_EE
MISO
MOSI
VDD
VDDHV
AS7211
10uF
3V
Flash
Memory
3V
DC/DC
Boost
LED Driver
MODE
AUX
TX
0_10V_DIM
AC/DC
AC
Occupancy
Sensor
Network
Bridge
BLE
Wi-Fi
ZigBee
BacNet
KNX
0..10V
Dimmer
SDA_M
Additional
Sensors I
2C
SCL_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com