Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 15Page - OSRAM GmbH AS7211 Datasheet HTML 16Page - OSRAM GmbH AS7211 Datasheet HTML 17Page - OSRAM GmbH AS7211 Datasheet HTML 18Page - OSRAM GmbH AS7211 Datasheet HTML 19Page - OSRAM GmbH AS7211 Datasheet HTML 20Page - OSRAM GmbH AS7211 Datasheet HTML 21Page - OSRAM GmbH AS7211 Datasheet HTML 22Page - OSRAM GmbH AS7211 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Detailed Description
Smart Lighting Command Interface
The network interface on the Smart Lighting Manager
supporting the Smart Lighting Commands is the UART
interface. The Smart Lighting Manager adapts the concept of a
simple command set for lighting control and configuration. The
Smart Lighting Manager uses a text-based serial command
interface as popularized by the “AT Command” model used in
early Hayes modems.
For example:
Set the desired daylight LUX level target: ATLUXT = 500 >> OK
The “Smart Lighting Command Interface”, shown below
between the network interface and the core of the system,
provides access to the Smart Lighting Manager’s lighting
control and configuration functions.
Figure 21:
Smart Lighting Command Interface
Refer to the separate ams AS7211 Smart Lighting Command Set
document for complete command set and usage.
I²C Master Interface (Local Sensor Interface)
The I²C Master interface can be used to connect external sensors
(such as Daylight, Occupancy, CO sensors, etc.). Refer to the
separate ams Application note for external sensor usage with
the AS7211.
I²C Feature List
• Clock is set to 100kHz
• 7+1-bit addressing mode.
• Write formats: Single-Byte-Write, Page-Write
• Read formats: Random-Read, Sequential-Read
AT Command Interface
CLE
UART
RX
Network
Bridge
TX
BLE
Wi-Fi
ZigBee
BacNet
KNX
AS7211
Smart Lighting Command Interface
Smart Lighting Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com