Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 11Page - OSRAM GmbH AS7211 Datasheet HTML 12Page - OSRAM GmbH AS7211 Datasheet HTML 13Page - OSRAM GmbH AS7211 Datasheet HTML 14Page - OSRAM GmbH AS7211 Datasheet HTML 15Page - OSRAM GmbH AS7211 Datasheet HTML 16Page - OSRAM GmbH AS7211 Datasheet HTML 17Page - OSRAM GmbH AS7211 Datasheet HTML 18Page - OSRAM GmbH AS7211 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Detailed Description
Photopic Sensor
The photopic sensor, part of the AS7211 CLE, is a
next-generation digital light sensor device which approximates
the human eye response. The sensor contains an integrating
analog-to-digital converter (16-bit resolution ADC), which
integrates current from photodiodes. Upon completion of the
conversion cycle, the result is transferred to the corresponding
data registers. Transfers are double-buffered to ensure integrity
of the data is maintained.
The photopic response is accomplished via silicon interference
filters which are extremely stable over time and temperature.
To ensure accuracy, the AS7211 LGA package contains an
internal aperture that limits the sensor field of view (PFOV ) of
± 20.5°, as shown in the figure above. External optics can be
used as needed to expand or reduce this built in PFOV.
AS7211 Inputs
Figure 16:
VDDHV Based Settings for Inputs
Note(s):
1. For VDDHV <= 3.6V, VDDHV and VDD should be tied together.
2. With external dividers connected to 0-10V inputs, the max voltage to the device input is 2V.
For the AS7211, dimming can be accomplished from either the
input pin (0_10V_DIM) or network commanded dimming using
the AS7211 Smart Lighting Command set via the UART
interface.
The typical example of a hardware controlled input is a standard
0-10V dimmer. The 0-10V DIM analog input signal is downscaled
by the AS7211 with an internal voltage divider and converted
to a 10 bit digital value, 0V=full dimming, 10V=no dimming.
When using the internal voltage divider the voltage at the
VDDHV pin has to be higher than 10V.
If a second supply is not available, VDDHV and VDD are tied
together and the downscale has to be done using an external
resistor divider. The maximum range in the downscaled input
is limited to 2V. Hence to accept a full range 10V signal the input
resistor divider has to be 5:1 ratio. Dependent on the level at
pin VDDHV, the Smart Lighting Manager automatically selects
either the internal or the external voltage divider. Refer to the
Figures above and below. If the 0_10V_DIM pin is not used, an
external resister pull-up connecting it to VDDHV is
recommended.
VDDHV
Dimming
10.5-15V
Direct input for 0_10V_DIM, dimming input
2.97-10V (1)
External 5:1 resistor divider for 0-10V_DIM, dimming input (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com