Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 7Page - OSRAM GmbH AS7211 Datasheet HTML 8Page - OSRAM GmbH AS7211 Datasheet HTML 9Page - OSRAM GmbH AS7211 Datasheet HTML 10Page - OSRAM GmbH AS7211 Datasheet HTML 11Page - OSRAM GmbH AS7211 Datasheet HTML 12Page - OSRAM GmbH AS7211 Datasheet HTML 13Page - OSRAM GmbH AS7211 Datasheet HTML 14Page - OSRAM GmbH AS7211 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Electrical Characteristics
Figure 9:
AS7211 SPI Timing Characteristics
Figure 10:
SPI Master Write Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI Interface
fSCK
Clock Frequency
0
16
MHz
tSCK_H
Clock High Time
40
ns
tSCK_L
Clock Low Time
40
ns
tSCK_RISE
SCK Rise Time
5
ns
tSCK_FALL
SCK Fall Time
5
ns
tCSN_S
CSN Setup Time
Time between CSN high-low
transition to first SCK high transition
50
ns
tCSN_H
CSN Hold Time
Time between last SCK falling edge
and CSN low-high transition
100
ns
tCSN_DIS
CSN Disable Time
100
ns
tDO_S
Data-Out Setup Time
5
ns
tDO_H
Data-Out Hold Time
5
ns
tDI_V
Data-In Valid
10
ns
tDO_H
tCSN_H
CSN
MOSI
MISO
SCK
tCSN_S
MSB
tDO_S
LSB
HI-Z
HI-Z
tCSN_DIS
tSCK_RISE
tSCK_FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com