Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7211 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 26Page - OSRAM GmbH AS7211 Datasheet HTML 27Page - OSRAM GmbH AS7211 Datasheet HTML 28Page - OSRAM GmbH AS7211 Datasheet HTML 29Page - OSRAM GmbH AS7211 Datasheet HTML 30Page - OSRAM GmbH AS7211 Datasheet HTML 31Page - OSRAM GmbH AS7211 Datasheet HTML 32Page - OSRAM GmbH AS7211 Datasheet HTML 33Page - OSRAM GmbH AS7211 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Dec-23
Document Feedback
AS7211 − Soldering, Manufacturing Process Considerations & Storage Information
Manufacturing Process Considerations
The AS7211 package is compatible with standard reflow
no-clean and cleaning processes including aqueous, solvent or
ultrasonic techniques. However, as an open-aperture device,
precautions must be taken to avoid particulate or solvent
contamination as a result of any manufacturing processes,
including pick and place, reflow, cleaning, integration assembly
and/or testing. Temporary covering of the aperture is allowed.
To avoid degradation of accuracy or performance in the end
product, care should be taken that any temporary covering and
associated sealants/debris are thoroughly removed prior to any
optical testing or final packaging.
Storage Information
Moisture Sensitivity Optical characteristics of the device can be
adversely affected during the soldering process by the release
and vaporization of moisture that has been previously
absorbed into the package. To ensure the package contains the
smallest amount of absorbed moisture possible, each device is
baked prior to being dry packed for shipping. Devices are dry
packed in a sealed aluminized envelope called a
moisture-barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 12 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 12 months
• Ambient Temperature: <40°C
• Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed
the 12 month shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com