Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet (PDF) - OSRAM GmbH

AS7262 Datasheet PDF - OSRAM GmbH
Part # AS7262
Download  AS7262 Download
File Size   1107.24 Kbytes
Page   48 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface

AS7262 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7262 Datasheet PDF - OSRAM GmbH

Part # AS7262
Download  AS7262 Click to download

File Size   1107.24 Kbytes
Page   48 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface

AS7262 Datasheet (HTML) - OSRAM GmbH


AS7262 Product details

Features
• 6 visible channels: 450nm, 500nm, 550nm, 570nm,
600nm and 650nm, each with 40nm FWHM
• UART or I²C slave digital Interface
• Visible filter set realized by silicon interference filters
• 16-bit ADC with digital access
• Programmable LED drivers
• 2.7V to 3.6V with I²C interface
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
-40°C to 85°C temperature range




Similar Part No. - AS7262

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7262 AMSCO-AS7262 Datasheet
677Kb / 47P
6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
logo
ams-OSRAM AG
AS7262 AMSOSRAM-AS7262 Datasheet
1Mb / 48P
6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
2022-Nov-30
AS7262-BLGM AMSOSRAM-AS7262-BLGM Datasheet
1Mb / 48P
6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
2022-Nov-30
logo
ams AG
AS7262-BLGT AMSCO-AS7262-BLGT Datasheet
677Kb / 47P
6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
logo
ams-OSRAM AG
AS7262-BLGT AMSOSRAM-AS7262-BLGT Datasheet
1Mb / 48P
6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
2022-Nov-30
More results


Similar Description - AS7262

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61538FP HITACHI-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
6-Channel Electronic Volume
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
PHOENIX CONTACT
0912033 PHOENIX-0912033 Datasheet
65Kb / 4P
Electronic device circuit breaker - ECP 6
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com