Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet (PDF) - OSRAM GmbH

TCS3408 Datasheet PDF - OSRAM GmbH
Part # TCS3408
Download  TCS3408 Download
File Size   2051.77 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS/Color Sensor with Selective Flicker Detection

TCS3408 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3408 Datasheet PDF - OSRAM GmbH

Part # TCS3408
Download  TCS3408 Click to download

File Size   2051.77 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS/Color Sensor with Selective Flicker Detection

TCS3408 Datasheet (HTML) - OSRAM GmbH


TCS3408 Product details

Features
• Configurable, high sensitivity
• Programmable gain and integration time
• 2048x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for RGBC channels
• Wideband reference channel without filters
• ALS/color interrupt with thresholds
• Flicker-immune ALS sensing within 10ms
• Independently configurable timing and gain
• Automatic gain adjustment
• 50Hz and 60Hz flicker detection flags
• Flicker detected interrupt
• 1.8VDD operation
• Configurable sleep mode
• Interrupt-driven device
• On-chip self-calibration of ALS
• Digital and analog ALS saturation flags




Similar Part No. - TCS3408

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS34083 AMSCO-TCS34083 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS34083M AMSCO-TCS34083M Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS34087 AMSCO-TCS34087 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS34087M AMSCO-TCS34087M Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
More results


Similar Description - TCS3408

ManufacturerPart #DatasheetDescription
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
ALS/Color Sensor with Flicker Detection
2018-Dec-19
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
TCS3530 AMSCO-TCS3530 Datasheet
2Mb / 105P
Fully Embedded, True Color Ambient Light Sensor with Selective Flicker
v3-00 2023-Jun-23
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com