Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 3Page - OSRAM GmbH TCS3408 Datasheet HTML 4Page - OSRAM GmbH TCS3408 Datasheet HTML 5Page - OSRAM GmbH TCS3408 Datasheet HTML 6Page - OSRAM GmbH TCS3408 Datasheet HTML 7Page - OSRAM GmbH TCS3408 Datasheet HTML 8Page - OSRAM GmbH TCS3408 Datasheet HTML 9Page - OSRAM GmbH TCS3408 Datasheet HTML 10Page - OSRAM GmbH TCS3408 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Optical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods. Device parameters are guaranteed
with VDD = 1.8 V and TA = 25°C unless otherwise noted.
Figure 7:
ALS/Color Characteristics of TCS3408, ALS Gain = 128x, Integration Time = 11ms
(unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Dark ADC count value(1)
Ee = 0μW/cm
2
ALS gain: 512x
Integration time: 98ms
00
3
counts
ALS gain ratios(2)
0.5x
1/256
1x
1/128
2x
1/64
4x
1/32
8x
1/16
16x
1/8
32x
1/4
64x
1/2
256x
2.05
512x
4.33
1024x
8.38
2048x
17.3
Clear channel irradiance responsivity
White LED, 2700K(3)
56.4
66.3
76.2
counts/
(μW/cm2)
Wideband channel irradiance responsivity
23.4
Lux accuracy(4)
White LED, 2700K(3)
90
100
110
%
ADC noise(5)
White LED, 2700K(3)
Integration time: 100ms
0.05
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com