Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 23Page - OSRAM GmbH TCS3408 Datasheet HTML 24Page - OSRAM GmbH TCS3408 Datasheet HTML 25Page - OSRAM GmbH TCS3408 Datasheet HTML 26Page - OSRAM GmbH TCS3408 Datasheet HTML 27Page - OSRAM GmbH TCS3408 Datasheet HTML 28Page - OSRAM GmbH TCS3408 Datasheet HTML 29Page - OSRAM GmbH TCS3408 Datasheet HTML 30Page - OSRAM GmbH TCS3408 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
Figure 28:
CFG10
Note(s):
1. Return to the Register Map (0xB3).
Addr: 0xB3
CFG10
Bit
Field
Reset
Type
Bit Description
7:6
ALS_AGC_HIGH_HYST
3
R/W
ALS AGC High Hysteresis. Sets the ALS data
threshold at which AGAIN is reduced when ALS AGC
mode is enabled. The threshold is automatically
calculated internally as a percentage of full-scale. Note
that full-scale is equal to (ATIME + 1)
× (ASTEP + 1).
VALUE
SIGNAL
050%
1
62.5%
275%
3
87.5%
5:4
ALS_AGC_LOW_HYST
3
R/W
ALS AGC Low Hysteresis. Sets the ALS data threshold
at which AGAIN is increased when ALS AGC mode is
enabled. The threshold is automatically calculated
internally as a percentage of full-scale. Note that
full-scale is equal to (ATIME + 1)
× (ASTEP + 1).
VALUE
SIGNAL
0
12.5%
125%
2
37.5%
350%
3Reserved
0
2:0
FD_PERS
2
R/W
Flicker Detect Persistence. Sets the number of
consecutive flicker detect results that must be
different before the flicker detect status will be
changed. Flicker detection interrupts on SINT are
affected by this setting. Flicker detect persistence is
equal to 2(FD_PERS − 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com