Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 16Page - OSRAM GmbH TCS3408 Datasheet HTML 17Page - OSRAM GmbH TCS3408 Datasheet HTML 18Page - OSRAM GmbH TCS3408 Datasheet HTML 19Page - OSRAM GmbH TCS3408 Datasheet HTML 20Page - OSRAM GmbH TCS3408 Datasheet HTML 21Page - OSRAM GmbH TCS3408 Datasheet HTML 22Page - OSRAM GmbH TCS3408 Datasheet HTML 23Page - OSRAM GmbH TCS3408 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Datasheet, Public
Page 19
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Register Descriptions
Power, Enable, and Operation
The enable register has fields that power on the device and
enable the functions. To operate the device, first set all
configuration fields for all functions, then set PON = 1, and
finally enable functions. Changing configuration register values
while functions are operating may result in invalid results. PEN,
and AEN require PON to be asserted for each respective
function to operate correctly. When PEN, or AEN are asserted,
the visible bit is only updated when the state machine has
completed the process of enabling the associated function.
Figure 19:
ENABLE
Note(s):
1. Return to the Register Map (0x80).
Addr: 0x80
ENABLE
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6FDEN
0
R/W
Flicker Detection Enable. Writing a 1 activates flicker
detection. Writing a 0 disables flicker detection.
5:4
Reserved
0
3WEN
0
R/W
Wait Enable. Writing a 1 activates the wait timer. Writing
a 0 disables the wait timer.
2Reserved
0
1AEN
0
R/W
ALS Enable. Writing a 1 enables ALS/Color. Writing a 0
disables ALS/Color.
0PON
0
R/W
Power ON. When asserted, the internal oscillator is
activated, allowing timers and ADC channels to operate.
Writing a 0 disables the oscillator and clears PEN, and AEN.
Only set this bit after all other registers have been
initialized by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com