Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 20Page - OSRAM GmbH TCS3408 Datasheet HTML 21Page - OSRAM GmbH TCS3408 Datasheet HTML 22Page - OSRAM GmbH TCS3408 Datasheet HTML 23Page - OSRAM GmbH TCS3408 Datasheet HTML 24Page - OSRAM GmbH TCS3408 Datasheet HTML 25Page - OSRAM GmbH TCS3408 Datasheet HTML 26Page - OSRAM GmbH TCS3408 Datasheet HTML 27Page - OSRAM GmbH TCS3408 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Figure 24:
ASTEP
Note(s):
1. Return to the Register Map (0xCA, 0xCB).
Figure 25:
WTIME
Note(s):
1. Return to the Register Map (0x83).
Addr: 0x82
ASTEP
Bits
Field
Reset
Description
7:0
ASTEP
0xE7
ALS Integration Time Step Size. Sets the integration time per step in
increments of 2.78μs. The default value is 999. Type is read/write.
15:8
0x03
VALUE
STEP SIZE
02.78μs
n2.78μs
× (n+1)
599
1.67ms
999
2.78ms
17999
50ms
65535
182ms
Addr: 0x83
WTIME
Bit
Field
Reset
Type
Description
7:0
WTIME
0x00
R/W
Wait Time. Sets the sample rate of the ALS/color function.
VALUE
TIME
02.844ms
n2.844ms
× (n+1)
255
728ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com