Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 19Page - OSRAM GmbH TCS3408 Datasheet HTML 20Page - OSRAM GmbH TCS3408 Datasheet HTML 21Page - OSRAM GmbH TCS3408 Datasheet HTML 22Page - OSRAM GmbH TCS3408 Datasheet HTML 23Page - OSRAM GmbH TCS3408 Datasheet HTML 24Page - OSRAM GmbH TCS3408 Datasheet HTML 25Page - OSRAM GmbH TCS3408 Datasheet HTML 26Page - OSRAM GmbH TCS3408 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
ALS Configuration
The ALS/color integration time is set using the ATIME field and
ASTEP field (ASTEP register). The ALS integration time, in
milliseconds, is equal to (ATIME + 1)
× (ASTEP + 1) / 360. The
reset value for ASTEP is 999 (2.78ms), and the recommended
configuration for these two fields is ASTEP = 599 and
ATIME = 29, which results in an integration time of 50ms. The
ALS integration time also establishes the full scale ADC range,
which is equal to (ATIME + 1)
× (ASTEP + 1).
If wait is enabled (WEN = 1), each new ALS sample is started
based on WTIME. It is necessary for WTIME to be sufficiently
large for ALS integration and any other functions to be
completed within the time frame. The device will warn the user
if the timing is configured incorrectly. If WTIME is too short, then
ALS_TRIGGER_ERROR will be 1.
Figure 23:
ATIME
Note(s):
1. Return to the Register Map (0x81).
Addr: 0x81
ATIME
Bit
Field
Reset
Type
Description
7:0
ATIME
0x00
R/W
ALS Integration Time. Sets the number of ALS/color
integration steps from 1 to 256.
VALUE
INTEGRATION TIME
0ASTEP
nASTEP
× (n+1)
255
256
× ASTEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com