Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3408 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS3408 Datasheet HTML 1Page - OSRAM GmbH TCS3408 Datasheet HTML 2Page - OSRAM GmbH TCS3408 Datasheet HTML 3Page - OSRAM GmbH TCS3408 Datasheet HTML 4Page - OSRAM GmbH TCS3408 Datasheet HTML 5Page - OSRAM GmbH TCS3408 Datasheet HTML 6Page - OSRAM GmbH TCS3408 Datasheet HTML 7Page - OSRAM GmbH TCS3408 Datasheet HTML 8Page - OSRAM GmbH TCS3408 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Feb-01
Document Feedback
TCS3408
ALS/Color Sensor with Selective
Flicker Detection
The TCS3408 features ambient light and color (RGB) sensing, as
well as flicker detection which suppresses cross-coupling from
940nm IR, if generated by adjacent circuits (e.g. TOF). The device
comes in a low-profile and small footprint,
L2.5mm x W2.0mm x H0.5mm package.
The Ambient Light and Color Sensing function provides five
concurrent ambient light sensing channels: Red, Green, Blue,
Clear, and Wideband. The RGB and Clear channels have a UV/IR
blocking filter. This architecture accurately measures ambient
light and enables the calculation of illuminance, chromaticity,
and color temperature to manage display appearance.
The device integrates direct detection of 50Hz or 60Hz ambient
light flicker. Flicker detection is executed in parallel with
ambient light and color sensing and has independent gain
configuration. The flicker detection engine can also buffer data
for calculating other flicker frequencies externally.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com