Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet (PDF) - OSRAM GmbH

TSL2541 Datasheet PDF - OSRAM GmbH
Part # TSL2541
Download  TSL2541 Download
File Size   1001.49 Kbytes
Page   39 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS, Light-to-Digital Sensor

TSL2541 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL2541 Datasheet PDF - OSRAM GmbH

Part # TSL2541
Download  TSL2541 Click to download

File Size   1001.49 Kbytes
Page   39 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS, Light-to-Digital Sensor

TSL2541 Datasheet (HTML) - OSRAM GmbH


TSL2541 Product details

Features
• 2.0mm x 2.0mm x 0.5mm
• Power management features
• I²C fast mode interface compatible
• Photopic ambient light sense (ALS)
• UV / IR blocking filter
• Programmable gain and integration time
• 1.8V power supply with 1.8V I²C bus




Similar Part No. - TSL2541

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
ALS, Light-to-Digital Sensor
2018-Jan-23
More results


Similar Description - TSL2541

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
Light-to-Digital Sensor
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor
logo
Texas Instruments
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
Light-to-Digital Sensor
ISL29001
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
Light-to-Digital Sensor
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
ALS, Light-to-Digital Sensor
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
ALS, Light-to-Digital Sensor
2019-Mar-20
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
ALS, Light-to-Digital Sensor
2018-Jan-23
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com