Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 3Page - OSRAM GmbH TSL2541 Datasheet HTML 4Page - OSRAM GmbH TSL2541 Datasheet HTML 5Page - OSRAM GmbH TSL2541 Datasheet HTML 6Page - OSRAM GmbH TSL2541 Datasheet HTML 7Page - OSRAM GmbH TSL2541 Datasheet HTML 8Page - OSRAM GmbH TSL2541 Datasheet HTML 9Page - OSRAM GmbH TSL2541 Datasheet HTML 10Page - OSRAM GmbH TSL2541 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-10
TSL2541 − Typical Operating Characteristics
Figure 8:
ALS Operating Characteristics, VDD = 1.8V, TA = 25°C
Note(s):
1. For the Visible Channel, the values in this parameter are achieved by scaling the Visible Channel output (counts) via software by an
adjustment factor stored in the VISADJ Register (Address 0xE6).
Parameter
Conditions
Min
Typ
Max
Units
Integration time step size
2.68
2.78
2.90
ms
Number of integration
steps
1256
steps
Dark ADC count value
Ee = 0 μW/cm
2; AGAIN = 64x;
ATIME = 100ms (0xDC)
0
1
3
counts
Re
Irradiance responsivity (1)
Settings:
AGAIN = 16x
ATIME = 400ms
Visible Channel
White LED, 2700K
101
119
137
counts/
(μW/cm2)
IR Channel
λD = 950 nm LED
359
counts/
(μW/cm2)
Gain scaling, relative to 1x
gain setting
AGAIN = 4x
4
x
AGAIN = 16x
16
AGAIN = 64x
67
AGAIN = 128x
140
ADC noise
AGAIN = 16x0.005
% full scale
Typical Operating
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com