Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 4Page - OSRAM GmbH TSL2541 Datasheet HTML 5Page - OSRAM GmbH TSL2541 Datasheet HTML 6Page - OSRAM GmbH TSL2541 Datasheet HTML 7Page - OSRAM GmbH TSL2541 Datasheet HTML 8Page - OSRAM GmbH TSL2541 Datasheet HTML 9Page - OSRAM GmbH TSL2541 Datasheet HTML 10Page - OSRAM GmbH TSL2541 Datasheet HTML 11Page - OSRAM GmbH TSL2541 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Mar-10
Document Feedback
TSL2541 − Typical Operating Characteristics
Figure 9:
Spectral Responsivity
Figure 10:
ALS Responsivity vs Angular Displacement
0%
20%
40%
60%
80%
100%
120%
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
Spectral Response
Visible
IR
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Angle of Incident Light (°)
Normalized Angular Response
Warm White LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com