Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 23Page - OSRAM GmbH TSL2541 Datasheet HTML 24Page - OSRAM GmbH TSL2541 Datasheet HTML 25Page - OSRAM GmbH TSL2541 Datasheet HTML 26Page - OSRAM GmbH TSL2541 Datasheet HTML 27Page - OSRAM GmbH TSL2541 Datasheet HTML 28Page - OSRAM GmbH TSL2541 Datasheet HTML 29Page - OSRAM GmbH TSL2541 Datasheet HTML 30Page - OSRAM GmbH TSL2541 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-10
TSL2541 − Application Information
Schematic
Figure 39:
Typical Applications Circuit
Note(s):
1. The value of the I²C pull up resistors RPU should be based on the 1.8V bus voltage, system bus speed and trace capacitance.
2. The bulk capacitor can affect the stability of a regulated supply output and should be chosen with the regulator characteristics in
mind.
3. VSS and PGND should be connected to the same solid ground plane as close to the device as possible.
Application Information
1.8V
RPU
4.7μF
R = 22Ω
RINT = 10kΩ
Bulk System
Capacitance
TSL2541
VDD
VSS
INT
SCL
SDA
PGND
RPU
VBUS
INT
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com