Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2541 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2541 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TSL2541 Datasheet HTML 2Page - OSRAM GmbH TSL2541 Datasheet HTML 3Page - OSRAM GmbH TSL2541 Datasheet HTML 4Page - OSRAM GmbH TSL2541 Datasheet HTML 5Page - OSRAM GmbH TSL2541 Datasheet HTML 6Page - OSRAM GmbH TSL2541 Datasheet HTML 7Page - OSRAM GmbH TSL2541 Datasheet HTML 8Page - OSRAM GmbH TSL2541 Datasheet HTML 9Page - OSRAM GmbH TSL2541 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Datasheet, Public
Page 5
[v2-00] 2023-Mar-10
Document Feedback
TSL2541 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, performance will vary with temperature. Specifications are stated at
25°C unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 1.8V, TA = 25°C
Note(s):
1. This parameter indicates the supply current during periods of ALS integration. If Wait is enabled (WEN=1), the supply current is
lower during the Wait period.
2. Idle state occurs when PON=1 and all functions are not enabled.
3. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
4. Digital pins: SDA, SCL, INT, are tolerant to a communication voltage up to 3.0V.
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
1.7
1.8
2.0
V
Supply voltage accuracy, VDD total error including transients
-3
3
%
TA
Operating free-air temperature (1)
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator frequency
8.107
MHz
IDD
Supply current
Active ALS State
(PON=AEN=1) (1)
50
90
150
μA
Idle State
(PON=1,AEN=0) (2)
30
60
Sleep State (3)
0.7
5
VOL
INT, SDA output low voltage
6mA sink current
0.6
V
ILEAK
Leakage current, INT, SCL and
SDA
-5
5
μA
VIH
SCL, SDA input high voltage (4)
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
TActive
Time from power-on to ready
to receive I²C commands
1.5
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com