Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSITQA1.23 Datasheet (PDF) - OSRAM GmbH

KSSITQA1.23 Datasheet PDF - OSRAM GmbH
Part # KSSITQA1.23
Download  KSSITQA1.23 Download
File Size   1951.67 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SYNIOS® P1515 expands ams OSRAM’ low power portfolio by offering a small LED Industry standard footprint.

KSSITQA1.23 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSSITQA1.23 Datasheet PDF - OSRAM GmbH

Part # KSSITQA1.23
Download  KSSITQA1.23 Click to download

File Size   1951.67 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The SYNIOS® P1515 expands ams OSRAM’ low power portfolio by offering a small LED Industry standard footprint.

KSSITQA1.23 Datasheet (HTML) - OSRAM GmbH


KSSITQA1.23 Product details

Features
- Package: diffuse silicone, SMD epoxy package
- Chip technology: Thinfilm
- Color: λdom = 633 nm (● super red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - KSSITQA1.23

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KSS CK-COMPONENTS-KSS Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
KSS CK-COMPONENTS-KSS Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
logo
OTAX Corporation
KSS02J OTAX-KSS02J Datasheet
326Kb / 4P
DIP Switch
KSS02L OTAX-KSS02L Datasheet
326Kb / 4P
DIP Switch
More results


Similar Description - KSSITQA1.23

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
Industry Standard Footprint
logo
Delta Electronics, Inc.
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
Industry-standard footprint and pinout
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KSDELLS1.22 AMSCO-KSDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KYDELLS1.22 AMSCO-KYDELLS1.22 Datasheet
1Mb / 24P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.7 2023-05-12
KODELLS1.22 AMSCO-KODELLS1.22 Datasheet
1Mb / 23P
The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.8 2023-05-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com