Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSITQA1.23 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KSSITQA1.23
Description  The SYNIOS® P1515 expands ams OSRAM’ low power portfolio by offering a small LED Industry standard footprint.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSSITQA1.23 Datasheet(HTML) 2 Page - OSRAM GmbH

  KSSITQA1.23 Datasheet HTML 1Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 2Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 3Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 4Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 5Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 6Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 7Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 8Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
KS SITQA1.23
DATASHEET
DATASHEET
2 | Version 1.1 | 2024-02-01
SYNIOS® P1515
KS SITQA1.23
The SYNIOS® P1515 expands ams OSRAM’ low power port-
folio by offering a small LED Industry standard footprint. The
unique 360° radiation characteristic makes it fit perfect for a
huge variety of applications especially in automotive exterior.
Where either a small optical distance to the cover glass or ho-
mogeneous area illumination is required, the SYNIOS® P1515
shows significant benefits. These unique features give freedom
to very thin and flexible designed RCL-Modules.
Applications
- Dynamic Signaling
- Static Signaling
Features
- Package: diffuse silicone, SMD epoxy package
- Chip technology: Thinfilm
- Color: λ
dom = 633 nm (● super red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com