Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSITQA1.23 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # KSSITQA1.23
Description  The SYNIOS® P1515 expands ams OSRAM’ low power portfolio by offering a small LED Industry standard footprint.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSSITQA1.23 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button KSSITQA1.23 Datasheet HTML 2Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 3Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 4Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 5Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 6Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 7Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 8Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 9Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
KS SITQA1.23
DATASHEET
DATASHEET
6 | Version 1.1 | 2024-02-01
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 50 mA
I
F = 50 mA
min.
max.
Φ
V
Φ
V
8C
4.00 lm
4.50 lm
5D
4.50 lm
5.00 lm
6D
5.00 lm
5.60 lm
7D
5.60 lm
6.30 lm
8D
6.30 lm
7.10 lm
5E
7.10 lm
8.00 lm
6E
8.00 lm
9.00 lm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 50 mA
I
F = 50 mA
min.
max.
V
F
V
F
3A
1.90 V
2.05 V
3B
2.05 V
2.20 V
4A
2.20 V
2.35 V
4B
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 50 mA
I
F = 50 mA
min.
max.
λ
dom
λ
dom
6
627 nm
630 nm
7
630 nm
634 nm
8
634 nm
637 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com