Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSITQA1.23 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KSSITQA1.23
Description  The SYNIOS® P1515 expands ams OSRAM’ low power portfolio by offering a small LED Industry standard footprint.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSSITQA1.23 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KSSITQA1.23 Datasheet HTML 7Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 8Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 9Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 10Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 11Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 12Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 13Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 14Page - OSRAM GmbH KSSITQA1.23 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
KS SITQA1.23
DATASHEET
DATASHEET
11 | Version 1.1 | 2024-02-01
Max. Permissible Forward Current 5)
I
F = f(T)
020406080
100
T /°C
0
10
20
30
40
50
60
70
80
IF /mA
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0,01
0,11
10
/
0,08
0,10
0,12
IF /A
TS =0°C ... 110°C
KS SITQA1.23
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com