Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20ACV-3-R-C Datasheet (PDF) - Murata Power Solutions Inc.

DMS-20ACV-3-R-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMS-20ACV-3-R-C
Download  DMS-20ACV-3-R-C Download
File Size   207.26 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 480V, Self-Powered, AC Line Monitor

DMS-20ACV-3-R-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-20ACV-3-R-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMS-20ACV-3-R-C
Download  DMS-20ACV-3-R-C Click to download

File Size   207.26 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 480V, Self-Powered, AC Line Monitor

DMS-20ACV-3-R-C Datasheet (HTML) - Murata Power Solutions Inc.


DMS-20ACV-3-R-C Product details

Self-powered, 2-Wire operation
350 to 600Vac (50/60Hz) measurement range
Digital replacement for analog panel meters
Permanent, tamper-proof calibration
Half-wave averaging, rms calibrated input
Large, easy-to-read, bright red or green LED
display
Flashing display warns of overvoltage conditions
Reliable screw-style terminal block simplifies
hookup
Rugged bezel assembly with secure metal
fasteners
Small footprint: 1.94W" x 1.27H" (49mm x 32mm)




Similar Part No. - DMS-20ACV-3-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
253Kb / 6P
Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
237Kb / 6P
4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
150Kb / 2P
Self-Powered, 50V and 150V LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
More results


Similar Description - DMS-20ACV-3-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-1-LM MURATA-PS-DMS-20PC-1-LM Datasheet
267Kb / 2P
Self-Powered 3 Digit, LED Display AC Line Voltage Monitors
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
DMS-LM2 MURATA-DMS-LM2 Datasheet
172Kb / 2P
Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
logo
Murata Manufacturing Co...
DMR20-10-DCM MURATA-DMR20-10-DCM Datasheet
274Kb / 4P
2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com