Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20ACV-3-R-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMS-20ACV-3-R-C
Description  480V, Self-Powered, AC Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20ACV-3-R-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMS-20ACV-3-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
DMS-20ACV Series
480V, Self-Powered, AC Line Monitor
MPM_DMS-20ACV.B02 Page 1 of 4
Murata Power Solutions’ DMS-20ACV-3 is a low-cost, self-powered, 2-wire digital AC voltmeter designed
for monitoring 3-phase, 480Vac primary ac power sources. The DMS-20ACV-3’s unique power-supply
design allows a single model to operate from 350 to 600Vac, at line frequencies of 50 to 60Hz. No user-
supplied external components or auxiliary power sources are needed for full operation. Its large, 0.40 inch
(10.2mm), bright red or green LED display is easily readable under virtually all lighting conditions.
DMS-20ACV-3 AC voltmeters employ a microprocessor driven, half-wave averaging, analog-to-digital
converter to achieve a display resolution of 1Vac over its entire operating range. Also, the unit is per-
manently calibrated at the factory, ensuring stable, long-term accuracy by eliminating issues caused by
user-accessible adjustment potentiometers.
The DMS-20ACV-3 measures only 1.94” wide x 1.27” high (49.3mm x 32.3mm), and has an installed
behind-the-panel depth of less than 1.0” (25.4mm). Panel mounting is greatly simplified by the use of a
bezel assembly that includes a color filter and secure metal fasteners.
This easy-to-use AC voltmeter is the ideal digital upgrade for fragile, less accurate, analog panel meters
used in 480Vac power distribution environments. It similarly excels in any new application requiring accu-
rate, high-voltage, AC line monitoring. Simply connect the AC power source to its 2-position terminal block
and the unit is fully operational.
FEATURES
„ Self-powered, 2-Wire operation
„ 350 to 600Vac (50/60Hz) measurement range
„ Digital replacement for analog panel meters
„ Permanent, tamper-proof calibration
„ Half-wave averaging, rms calibrated input
„ Large, easy-to-read, bright red or green LED
display
„ Flashing display warns of overvoltage conditions
„ Reliable screw-style terminal block simplifies
hookup
„ Rugged bezel assembly with secure metal
fasteners
„ Small footprint: 1.94W" x 1.27H" (49mm x 32mm)
PRODUCT OVERVIEW
MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES:
2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)


Similar Part No. - DMS-20ACV-3-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
253Kb / 6P
Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
237Kb / 6P
4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
150Kb / 2P
Self-Powered, 50V and 150V LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
More results

Similar Description - DMS-20ACV-3-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-1-LM MURATA-PS-DMS-20PC-1-LM Datasheet
267Kb / 2P
Self-Powered 3 Digit, LED Display AC Line Voltage Monitors
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
DMS-LM2 MURATA-DMS-LM2 Datasheet
172Kb / 2P
Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
logo
Murata Manufacturing Co...
DMR20-10-DCM MURATA-DMR20-10-DCM Datasheet
274Kb / 4P
2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com