Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20ACV-3-R-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-20ACV-3-R-C
Description  480V, Self-Powered, AC Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20ACV-3-R-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-20ACV-3-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.murata-ps.com/support
DMS-20ACV Series
480V, Self-Powered, AC Line Monitor
MPM_DMS-20ACV.B02 Page 3 of 4
PANEL INSTALLATION
BEZEL AND PANEL CUTOUT
All electrical connections to DMS-20ACV must be made after the voltmeter
is securely attached to the panel, and with the input AC supply voltage
de-energized (off). Care must be exercised when attaching the AC supply
wires to terminal block TB1. The installed wire-positions should be such
that minimal forces are applied to TB1 or the voltmeter. In high-vibration
environments, adequate strain reliefs must be used on all supply wiring.
Using Figure 2 as a guide, carefully insert the bezel/color filter assembly
into the panel opening. From the rear of the panel, install the four 8mm
plastic standoffs over the bezel’s threaded studs. Install the DMS-20ACV
pc-board assembly and attach and tighten the four #2-56 hex nuts over the
threaded studs. Tighten each hex nut to 15 to 20 ozf-in (0.11 to 0.14 N-m).
Figure 2. Panel Installation
Use only the factory-supplied hardware as the use of substitute hardware
may result in an unsafe installation and/or adversely affect the reliability of
the installation.
The range of panel thicknesses that can be accommodated with the
factory supplied hardware is 0.040 inches (1.0mm) to 0.125 inches
(3.2mm). Panel thicknesses greater than 3.2mm may require additional
user-supplied hardware or modifications to achieve an electrically safe and
mechanically secure installation. However, do not use any substitutes for
the 8mm round plastic standoffs supplied with the voltmeter. Please note,
thick panels will alter the readability of the LED display.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com