Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-20ACV-3-R-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-20ACV-3-R-C
Description  480V, Self-Powered, AC Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20ACV-3-R-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-20ACV-3-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.murata-ps.com/support
DMS-20ACV Series
480V, Self-Powered, AC Line Monitor
MPM_DMS-20ACV.B02 Page 2 of 4
TECHNICAL NOTES
IMPORTANT! To ensure safe and reliable operation, DMS-20ACV ac
voltmeters must be installed and serviced by qualified technical
personnel. Contact Murata Power Solutions if there is any doubt
regarding installation and/or operation.
1. Measurement Type: DMS-20ACV series AC voltmeters employ a
precision analog-to-digital converter and a stable voltage reference to
measure and display the average value of sinusoidal AC mains voltages.
Input voltages of 601V and above will cause the display to flash on and
off.
2. Calibration: DMS-20ACV voltmeters are digitally calibrated at the fac-
tory; there is no provision for calibrating units in the field.
3. Power Supply Polarity, Fusing, Wiring, and Grounding: DMS-20ACV-3’s
TB1 ac-supply terminals are not polarity sensitive, that is, they have
no “AC LO” or “AC HI” designations. These meters do not include nor
require a connection to earth/chassis ground.
DMS-20ACV-3 AC voltmeters are not internally fused. Terminal block
TB1 is to be used only for powering the voltmeter’s internal circuitry; it
must not be used to supply power to external loads or auxiliary devices.
The supply wires connected to TB1 must be fused with a 0.25A/600V
time delay/time lag fuse, in accordance with applicable regulatory
codes.
All AC-supply wiring must be rated for the voltages and currents they
will conduct and comply with any code or application-mandated
requirements pertaining to the user’s specific installation. 600V, UL-
rated wire suitable for the intended application is required.
The recommended AC supply wire size is 16AWG to 22AWG (1.31mm2
to 0.325mm2) stranded copper wire. The supply wires must be properly
stripped and attached to TB1 such that their insulation is not pinched
by the screw terminal. Recommended insulation strip length is 0.25"
(6.4mm). Rated tightening torque for the TB1’s screws is 7 pound-
inches (0.8 N-m).
Performance/Functional Specifications
Typical at Ta=+ 25°C, 480Vac @ 60Hz, unless otherwise noted
Input Supply Voltage (Vin @ TB1)
Min.
Typ.
Max.
Units
AC (rms) Voltage @ 47-63Hz
350
480
600
Volts AC
Performance
Sampling Rate
2
samples/sec
Voltage Accuracy @ 25° C
±2
±4
Volts
Temperature Drift (0 to 60ºC)
0.05
Volts/°C
Measurement Type
Half-wave averaging, rms calibrated for
sinusoidal inputs
Supply Current
@ 50Hz
8
11
mA
@ 60Hz
9
13
mA
Display
Display Type
3 Digit LED
Display Size
0.40 inches (10.16mm) high
Overrange Indication
Flashing display for Vin > 600 Volts
Physical/Environmental
Weight
1.0 ounces (28 grams)
Operating Temperature
-25
60
°C
Storage Temperature
-40
75
°C
Relative Humidity (Non Condensing)
0
85
%
Ordering Information*
DMS-20ACV-3-R-C
350 to 600Vac (50/60Hz) Red LED Display
DMS-20ACV-3-G-C
350 to 600Vac (50/60Hz) Green LED Display
*See technical note 3.
Figure 1. Wiring Diagram
*See www.murata.com/product/power for model-specific availability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com