Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAR-8SM Datasheet (PDF) - Mini-Circuits

MAR-8SM Datasheet PDF - Mini-Circuits
Part # MAR-8SM
Download  MAR-8SM Download
File Size   209.32 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description MONOLITHIC AMPLIFIERS 50 Ohm

MAR-8SM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAR-8SM Datasheet PDF - Mini-Circuits

Part # MAR-8SM
Download  MAR-8SM Click to download

File Size   209.32 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description MONOLITHIC AMPLIFIERS 50 Ohm

MAR-8SM Datasheet (HTML) - Mini-Circuits


MAR-8SM Product details

MONOLITHICAMPLIFIERS 50 Ω

BROADBAND  DC to 2.5 GHz




Similar Part No. - MAR-8SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-8A MINI-MAR-8A Datasheet
61Kb / 1P
Monolithic Amplifier 50W, DC to 1000 MHz
MAR-8ASM MINI-MAR-8ASM Datasheet
642Kb / 4P
Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz
More results


Similar Description - MAR-8SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
GALI-19_29_39_49 MINI-GALI-19_29_39_49_59 Datasheet
98Kb / 2P
Surface Mount Monolithic Amplifiers
LEE-19_29_39_49 MINI-LEE-19_29_39_49_59 Datasheet
144Kb / 2P
Surface Mount Monolithic Amplifiers
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
DG03-170A MINI-DG03-170A Datasheet
107Kb / 2P
MONOLITHIC AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
logo
Analog Devices
AD595CDZ AD-AD595CDZ Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers
REV. C
PM155A AD-PM155A_15 Datasheet
302Kb / 6P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
logo
Mini-Circuits
K1-PHA MINI-K1-PHA Datasheet
377Kb / 1P
Monolithic Amplifiers
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com