Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753611 Datasheet (PDF) - PHOENIX CONTACT

1753611 Datasheet PDF - PHOENIX CONTACT
Part # 1753611
Download  1753611 Download
File Size   318.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/ 8 HT BK - PCB terminal block

1753611 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753611 Datasheet PDF - PHOENIX CONTACT

Part # 1753611
Download  1753611 Click to download

File Size   318.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/ 8 HT BK - PCB terminal block

1753611 Datasheet (HTML) - PHOENIX CONTACT


1753611 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 320 V, nominal cross section:
1.5 mm2, number of potentials: 8, number of rows: 1, number of positions per row: 8, product
range: MKDSN 1,5/..-HT, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, mounting: THR soldering, conductor/PCB connection
direction: 0 °, color: black, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder
pins per potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Designed for integration into the SMT soldering process
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1753611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
PHOENIX CONTACT
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/11-G
1753615 PHOENIX-1753615 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1753615 PHOENIX-1753615 Datasheet
170Kb / 6P
MVSTBR 2,5/11-ST
More results


Similar Description - 1753611

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1729445 PHOENIX-1729445 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 4 BK
1732678 PHOENIX-1732678 Datasheet
47Kb / 4P
PCB terminal block - MKDSN 1,5/ 6 BK
1798294 PHOENIX-1798294 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 4 HT BK R44
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
1907843 PHOENIX-1907843 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/12-5,08 BK
1985852 PHOENIX-1985852 Datasheet
142Kb / 7P
PCB terminal block - MKDSN 1,5/ 3 HT BK
1985959 PHOENIX-1985959 Datasheet
132Kb / 6P
PCB terminal block - MKDSN 2,5/ 3-5,08 HT BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com