Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753611 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1753611
Description  MKDSN 1,5/ 8 HT BK - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753611 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1753611 Datasheet HTML 1Page - PHOENIX CONTACT 1753611 Datasheet HTML 2Page - PHOENIX CONTACT 1753611 Datasheet HTML 3Page - PHOENIX CONTACT 1753611 Datasheet HTML 4Page - PHOENIX CONTACT 1753611 Datasheet HTML 5Page - PHOENIX CONTACT 1753611 Datasheet HTML 6Page - PHOENIX CONTACT 1753611 Datasheet HTML 7Page - PHOENIX CONTACT 1753611 Datasheet HTML 8Page - PHOENIX CONTACT 1753611 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Comparative tracking index (IEC 60112)
CTI 250 - 399
Rated insulation voltage (III/3)
200 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Rated insulation voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
minimum clearance value - non-homogenous field (III/2)
3 mm
minimum creepage distance (III/2)
3.2 mm
Rated insulation voltage (II/2)
320 V
Rated surge voltage (II/2)
4 kV
minimum clearance value - non-homogenous field (II/2)
3 mm
minimum creepage distance (II/2)
3.2 mm
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 Hz ... 60.1 Hz)
Acceleration
5g (60.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Glow-wire test
Specification
IEC 60695-2-10:2013-04
Temperature
850 °C
Time of exposure
5 s
Aging
Specification
IEC 60947-7-4:2019-01
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C (Depending on the current carrying
capacity/derating curve)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Packaging specifications
Type of packaging
packed in cardboard
MKDSN 1,5/ 8 HT BK - PCB terminal block
1753611
https://www.phoenixcontact.com/us/products/1753611
Apr 17, 2024, 5:04 AM
Page 5 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com