Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753611 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753611
Description  MKDSN 1,5/ 8 HT BK - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753611 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753611 Datasheet HTML 1Page - PHOENIX CONTACT 1753611 Datasheet HTML 2Page - PHOENIX CONTACT 1753611 Datasheet HTML 3Page - PHOENIX CONTACT 1753611 Datasheet HTML 4Page - PHOENIX CONTACT 1753611 Datasheet HTML 5Page - PHOENIX CONTACT 1753611 Datasheet HTML 6Page - PHOENIX CONTACT 1753611 Datasheet HTML 7Page - PHOENIX CONTACT 1753611 Datasheet HTML 8Page - PHOENIX CONTACT 1753611 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ferrule with plastic sleeve
Stripping length
6 mm
Tightening torque
0.5 Nm ... 0.6 Nm
Mounting
Mounting type
THR soldering
Pin layout
Linear pinning
Drive form screw head
Slotted (L)
Processing notes
Process
Reflow/wave soldering
Moisture Sensitive Level
MSL 3
Classification temperature Tc
250 °C
Solder cycles in the reflow
3
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface terminal point (middle layer)
Nickel (2 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (middle layer)
Nickel (2 - 3 µm Ni)
Material data - housing
Color (Housing)
black (9005)
Insulating material
PA
Insulating material group
IIIa
CTI according to IEC 60112
250 - 399
Flammability rating according to UL 94
V0
Notes
Note on application
For safe conductor connection, always adhere to a defined
tightening torque. Particularly in the case of PCB terminal blocks
with two or three positions, the individual solder pin for each
contact point cannot compensate for this. That is why the
terminal blocks must be supported during conductor connection
(held with one hand, support on the housing).
Dimensions
MKDSN 1,5/ 8 HT BK - PCB terminal block
1753611
https://www.phoenixcontact.com/us/products/1753611
Apr 17, 2024, 5:04 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com