Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753611 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753611
Description  MKDSN 1,5/ 8 HT BK - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753611 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753611 Datasheet HTML 1Page - PHOENIX CONTACT 1753611 Datasheet HTML 2Page - PHOENIX CONTACT 1753611 Datasheet HTML 3Page - PHOENIX CONTACT 1753611 Datasheet HTML 4Page - PHOENIX CONTACT 1753611 Datasheet HTML 5Page - PHOENIX CONTACT 1753611 Datasheet HTML 6Page - PHOENIX CONTACT 1753611 Datasheet HTML 7Page - PHOENIX CONTACT 1753611 Datasheet HTML 8Page - PHOENIX CONTACT 1753611 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 320 V, nominal cross section:
1.5 mm2, number of potentials: 8, number of rows: 1, number of positions per row: 8, product
range: MKDSN 1,5/..-HT, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, mounting: THR soldering, conductor/PCB connection
direction: 0 °, color: black, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder
pins per potential: 1, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Extremely small design for the respective conductor cross section
Designed for integration into the SMT soldering process
The latching on the side enables various numbers of positions to be combined
Commercial data
Item number
1753611
Packing unit
60 pc
Minimum order quantity
60 pc
Note
Made to order (non-returnable)
Sales key
AA12
Product key
AALGCD
GTIN
4046356321709
Weight per piece (including packing)
7.876 g
Weight per piece (excluding packing)
7.403 g
Customs tariff number
85369010
Country of origin
DE
MKDSN 1,5/ 8 HT BK - PCB terminal block
1753611
https://www.phoenixcontact.com/us/products/1753611
Apr 17, 2024, 5:04 AM
Page 1 (9)


Similar Part No. - 1753611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
PHOENIX CONTACT
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/11-G
1753615 PHOENIX-1753615 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1753615 PHOENIX-1753615 Datasheet
170Kb / 6P
MVSTBR 2,5/11-ST
More results

Similar Description - 1753611

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1729445 PHOENIX-1729445 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 4 BK
1732678 PHOENIX-1732678 Datasheet
47Kb / 4P
PCB terminal block - MKDSN 1,5/ 6 BK
1798294 PHOENIX-1798294 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 4 HT BK R44
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
1907843 PHOENIX-1907843 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/12-5,08 BK
1985852 PHOENIX-1985852 Datasheet
142Kb / 7P
PCB terminal block - MKDSN 1,5/ 3 HT BK
1985959 PHOENIX-1985959 Datasheet
132Kb / 6P
PCB terminal block - MKDSN 2,5/ 3-5,08 HT BK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com