Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007BT-R Datasheet (PDF) - Skyworks Solutions Inc.

SE5007BT-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE5007BT-R
Download  SE5007BT-R Download
File Size   464.27 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz Front-End Module with Power Detector

SE5007BT-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5007BT-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE5007BT-R
Download  SE5007BT-R Click to download

File Size   464.27 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz Front-End Module with Power Detector

SE5007BT-R Datasheet (HTML) - Skyworks Solutions Inc.


SE5007BT-R Product details

Features
 5GHz Front End Module with PA, LNA and T/R Switch
 Integrated power amplifier enable pin (VEN)
 Buffered, temperature compensated power detector
 High and Low-Linearity mode
 3% EVM, @17dBm, 64 QAM, 54 Mbps
 30 dB Typical Gain
 Lead Free and RoHS compliant, halogen free package
 16 pin 3 mm x 3 mm x 0.6 mm QFN, MSL1




Similar Part No. - SE5007BT-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T SKYWORKS-SE5007T Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-EK1 SKYWORKS-SE5007T-EK1 Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-R SKYWORKS-SE5007T-R Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
More results


Similar Description - SE5007BT-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SKY85717-21 SKYWORKS-SKY85717-21 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85717-11 SKYWORKS-SKY85717-11 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85711-11 SKYWORKS-SKY85711-11 Datasheet
195Kb / 2P
5 GHz WLAN Front-End Module
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
5 GHz Front-End Module with Power Detector
SKY85712-21 SKYWORKS-SKY85712-21 Datasheet
595Kb / 12P
5 GHz WLAN Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85735-11 SKYWORKS-SKY85735-11 Datasheet
174Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
5 GHz WLAN Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
5 GHz WLAN Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com