Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007BT-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5007BT-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5007BT-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5007BT-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
SE5007BT: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202448A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
5 GHz WLAN (IEEE802.11a/g/n)
Access Points, PCMCIA, PC cards, Handhelds
Features
5GHz Front End Module with PA, LNA and T/R
Switch
Integrated power amplifier enable pin (VEN)
Buffered, temperature compensated power
detector
High and Low-Linearity mode
3% EVM, @17dBm, 64 QAM, 54 Mbps
30 dB Typical Gain
Lead Free and RoHS compliant, halogen free
package
16 pin 3 mm x 3 mm x 0.6 mm QFN, MSL1
Ordering Information
Part Number
Package
Remark
SE5007BT
16 Pin QFN
Samples
SE5007BT-R
16 Pin QFN
Tape and Reel
SE5007BT-
EK1
Evaluation Kit
Standard
Product Description
The SE5007BT is a 5GHz front end module offering
high linear power for wireless LAN applications.
It
incorporates a power detector for control of the output
power.
The SE5007BT offers a high level of integration for a
simplified design, providing quicker time to market
and higher application board production yield.
The
device integrates inter-stage match, a temperature
compensated, load insensitive power detector with
20dB of dynamic range, a 3.8GHz notch filter, a T/R
switch and an Rx LNA.
For wireless LAN applications, the device meets the
requirements
of
IEEE802.11a
and
delivers
approximately 17dBm of linear output power. It also
features a low linearity mode control to reduce current
consumption at low power modes.
The SE5007BT integrates the reference voltage
generator, allowing for a true 1.8V CMOS compatible
digital EN (enable) function to turn the power amplifier
on and off.
Functional Block Diagram
TXIN and ANT are DC Blocked. However external blocking cap is recommended for RX output.
Figure 1: Functional Block Diagram
Match &
Filter
Match
Bias, Enable, Detector Circuits
VCC1,2
EN
TXIN
C0
C1
ANT
RX
H/L Lin
VPD


Similar Part No. - SE5007BT-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T SKYWORKS-SE5007T Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-EK1 SKYWORKS-SE5007T-EK1 Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SE5007T-R SKYWORKS-SE5007T-R Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
More results

Similar Description - SE5007BT-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
SE5007T: 5 GHz Front End Module with Power Detector
SKY85717-21 SKYWORKS-SKY85717-21 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85717-11 SKYWORKS-SKY85717-11 Datasheet
196Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85711-11 SKYWORKS-SKY85711-11 Datasheet
195Kb / 2P
5 GHz WLAN Front-End Module
SE5012T SKYWORKS-SE5012T Datasheet
550Kb / 10P
5 GHz Front-End Module with Power Detector
SKY85712-21 SKYWORKS-SKY85712-21 Datasheet
595Kb / 12P
5 GHz WLAN Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85735-11 SKYWORKS-SKY85735-11 Datasheet
174Kb / 2P
5 GHz, 802.11ac Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
5 GHz WLAN Front-End Module
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
5 GHz WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com