Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007BT-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE5007BT-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5007BT-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE5007BT-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATA SHEET
SE5007BT: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202448A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
5
AC Electrical Characteristics
Transmit Characteristics
Conditions:
VCC1 = VCC2 = VDD = VEN = C0 = H/L Lin = 3.3V, C1 = 0V, TA = 25 °C, as measured on Skyworks
Solutions’ SE5007T-EV1 evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
-
4.90
-
5.85
GHz
POUT
Output Power,
High Linearity Mode
H/L Lin = 3.3V
OFDM
802.11a,
64 QAM
EVM = 3%
-
17
-
dBm
EVM = 2%
-
15
-
VCC1 = 4.0V,
3% EVM
EVM = 3%
-
19
-
MCS0, HT20, mask compliant
-
21
-
MCS0, HT40, mask compliant
-
20
-
Output Power,
Low Linearity Mode
H/L Lin = 0V
OFDM
802.11a, 64 QAM, EVM = 3%
-
13
-
MCS0, HT20, mask compliant
-
17
-
MCS0, HT40, mask compliant
-
16
-
P1dB
Output 1dB
compression point
No modulation
-
24
-
dBm
S11
Input Return Loss
PIN = -25 dBm
-
14
-
dB
S21
Small Signal Gain,
PIN = -25dBm
High Linearity Mode
28
31
-
dB
Low Linearity Mode
26
30
-
ΔS21
Small Signal Gain
Variation
Gain variation over single
40MHz channel
-
-
0.5
dB
Gain Variation over band
-1.5
-
1.5
S21_3.8
Out of Band Gain
Gain at 3.8GHz
-
-
15
dB
2f
Harmonic
POUT = 17 dBm, OFDM
-
-50
-42
dBm/MHz
3f
-
-50
-42
tr, tf
Rise and Fall Time
-
-
0.5
-
us
STAB
Stability
POUT = 17 dBm, 54 Mbps, 64
QAM, VSWR = 6:1, all phases
All non-harmonically related outputs less
than -50 dBc/100 kHz
Rugged-
ness
Tolerance to output
load mismatching
Constant PIN equal to POUT = 17
dBm at 50ohms, 54 Mbps, 64
QAM, VSWR = 6:1, all phases
No damage
Robust
Robustness to input
power
PIN = 12dBm, CW, VSWR = 6:1,
all phases
No damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com