Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007BT-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE5007BT-R
Description  5 GHz Front-End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5007BT-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE5007BT-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5007BT-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET
SE5007BT: 5 GHz Front-End Module with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202448A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC1
Supply Voltage on pin 15 (VCC1)
-0.3
4.8
V
VDD, VCC2
Supply Voltage on pins 9, 16 (VDD, VCC2)
-0.3
3.6
V
EN
DC input on Enable
-0.3
3.6
V
TXIN
RF Input Power, RFout into 50
Ω match
-
12
dBm
TSTG
Storage Temperature Range
-40
150
°C
ESD HBM
JEDEC JESD22-A114
all pins
Antenna Pin
-
1000
V
All Other Pins
-
350
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC1
Supply Voltage on pin 15 (VCC1)
3.0
4.5
V
VDD, VCC2
Supply Voltage on pins 9, 16 (VDD, VCC2)
3.0
3.6
V
TA
Ambient Temperature
-40
85
°C
Control Logic Characteristics
Conditions:
VCC1 = VCC2 = VDD = VPAON = VEN = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions’ SE5007T-
EV1 evaluation board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11a
Supply Current,
Transmit Mode
POUT = 17 dBm, 54 Mbps, 64 QAM,
H/L Lin = 3.3V (High Linearity Mode)
-
195
-
mA
POUT = 13 dBm, 54 Mbps, 64 QAM,
H/L Lin = 0V (Low Linearity Mode)
-
140
-
POUT = 5 dBm, 54 Mbps, 64 QAM,
H/L Lin = 0V (Low Linearity Mode)
-
105
-
POUT = 19 dBm, 54 Mbps, 64 QAM,
H/L Lin = 3.3V, VCC1 = 4.0V
220
Supply Current,
Receive Mode
VEN = C0 = 0V; C1 = 3.3V
15
VEN = C0 = C1 = 0V
0.02
IOFF
Supply Current
VEN = 0 V, No RF, C0=C1=0 V
Measured on VCC, VDD pins
-
20
50
μA
VENH
Logic High Voltage
-
1.6
-
Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com