Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0055 Datasheet (PDF) - Tyco Electronics

MABACT0055 Datasheet PDF - Tyco Electronics
Part # MABACT0055
Download  MABACT0055 Download
File Size   97.59 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV 1:1 Transmission Line Transformer

MABACT0055 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0055 Datasheet PDF - Tyco Electronics

Part # MABACT0055
Download  MABACT0055 Click to download

File Size   97.59 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband CATV 1:1 Transmission Line Transformer

MABACT0055 Datasheet (HTML) - Tyco Electronics


MABACT0055 Product details

Description
M/A-COM’s MABACT0055 is a low cost SMT 1:1 Transmission line transformer designed for high volume CATV Broadband applications. Suitable for use in 50 Ohm and 75 Ohm systems

Features
• 1:1 impedance
• SMT unit
• Available on tape & reel, 2000 parts per reel
• RoHS Compliant and is 260°C reflow compatible.
• Excellent temperature stability




Similar Part No. - MABACT0055

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0056TR MACOM-MABACT0056TR Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results


Similar Description - MABACT0055

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0040 MA-COM-MABACT0040_15 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com