Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0055 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0055
Description  Broadband CATV 1:1 Transmission Line Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0055 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0055 Datasheet HTML 1Page - Tyco Electronics MABACT0055 Datasheet HTML 2Page - Tyco Electronics MABACT0055 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS
Compliant
1
M/A-COM Inc. and its affiliates reserve the right to make changesto the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regardingthe suitability of its
products for any particular purpose, nor does M/A-COM assume anyliability
whatsoever arising out of the use.
Broadband CATV 1:1 Transmission Line Transformer
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
REV V1
MABACT0055
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 5-1200 MHz
Insertion Loss 1
*
(Through) Pin 4 to pin 1
5 - 50 MHz
50 - 1002 MHz
1002 - 1100MHz
1100 - 1200 MHz
dB
dB
dB
dB
-
-
-
-
0.0
0.5
0.8
0.9
0.5
1.0
1.0
1.3
Insertion Loss 2
(Coupled) Pin 4 to pin 3
5 - 50 MHz
50 - 1002 MHz
1002 - 1100MHz
1100 - 1200 MHz
dB
dB
dB
dB
-
-
-
-
0.3
0.5
0.4
0.6
0.5
1.0
1.0
1.3
Amplitude Balance
5 - 1200 MHz
dB
-
± 0.3
± 0.6
Phase Balance
5 - 20MHz
20 - 1200 MHz
°
°
-
-
± 5.0
± 5.0
± 11.0
± 7.0
Input Return Loss
5 - 100MHz
100 - 1200 MHz
dB
dB
22
10
26
14
-
-
Features
• 1:1 impedance
• SMT unit
• Available on tape & reel, 2000 parts per reel
• RoHS Compliant and is 2600C reflow compatible.
• Excellent temperature stability
Electrical Specifications @ 25
°C, 50 Ohm
* Monitored during production tune/test
SM-164 Case Style
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Description
M/A-COM’s MABACT0055 is a low cost SMT
1:1 Transmission line transformer designed for
high volume CATV Broadband applications.
Suitable for use in 50 Ohm and 75 Ohm
systems


Similar Part No. - MABACT0055

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0056TR MACOM-MABACT0056TR Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results

Similar Description - MABACT0055

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0040 MA-COM-MABACT0040_15 Datasheet
88Kb / 3P
1:1 Transmission Line Transformer
MABACT0059 MA-COM-MABACT0059_15 Datasheet
520Kb / 4P
1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com