Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC18V8Z Datasheet (PDF) - NXP Semiconductors

PLC18V8Z Datasheet PDF - NXP Semiconductors
Part # PLC18V8Z
Download  PLC18V8Z Download
File Size   225.26 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Zero standby power CMOS versatile PAL devices

PLC18V8Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC18V8Z Datasheet PDF - NXP Semiconductors

Part # PLC18V8Z
Download  PLC18V8Z Click to download

File Size   225.26 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Zero standby power CMOS versatile PAL devices

PLC18V8Z Datasheet (HTML) - NXP Semiconductors


PLC18V8Z Product details

DESCRIPTION

The PLC18V8Z is a universal PAL device featuring high performance and virtually zero-standby power for power sensitive applications. They are reliable, user-configurable substitutes for discrete TTL/CMOS logic. While compatible with TTL and HCT logic, the PLC18V8Z can also replace HC logic over the VCC range of 4.5 to 5.5V.



FEATURES

• 20-pin Universal Programmable Array Logic

• Virtually Zero-Standby-power

   – 20µA (typical)

• Available in DIP, PLCC, SOL (Small Outline), SSOP (Shrink Small Outline), and TSSOP (Thin Shrink Small Outline) packages

• Functional replacement for Series 20 PAL devices

   – IOL = 24mA

• Up to 18 inputs and 8 input/output macro cells

• Programmable output polarity

• Power-up reset on all registers

• Register Preload capability

• Synchronous Preset/Asynchronous Reset

• Security fuse to prevent duplication of proprietary designs

• Also available in 3V operation–the P3C18V8Z



APPLICATIONS

• Battery powered instruments

• Laptop and pocket computers

• Industrial control

• Medical Instruments

• Portable communications equipment



 




Similar Part No. - PLC18V8Z

ManufacturerPart #DatasheetDescription
logo
Positronic.
PLC1800A1 POSITRONIC-PLC1800A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLC18300A1 POSITRONIC-PLC18300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLC183200A1 POSITRONIC-PLC183200A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLC18F0000 POSITRONIC-PLC18F0000 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
More results


Similar Description - PLC18V8Z

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
IMP, Inc
C1210 IMP-C1210 Datasheet
35Kb / 4P
Process C1210 CMOS 1.2mm Zero Threshold Devices
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLUS16R8D PHILIPS-PLUS16R8D Datasheet
148Kb / 16P
PAL devices
September 10, 1993
logo
Power Integrations, Inc...
LNK584 POWERINT-LNK584 Datasheet
1Mb / 16P
Zero Standby Consumption Integrated Off-Line Switcher
LNK584-586 POWERINT-LNK584-586 Datasheet
1Mb / 16P
Zero Standby Consumption Integrated Off-Line Switcher
logo
Holt Integrated Circuit...
HI-1590 HOLTIC-HI-1590 Datasheet
1Mb / 16P
CMOS technology for low standby power
logo
Texas Instruments
UCC28730-Q1 TI1-UCC28730-Q1 Datasheet
1Mb / 42P
Zero-Power Standby PSR Flyback Controller for Automotive
logo
Power Integrations, Inc...
LNK584 POWERINT-LNK584_V01 Datasheet
1Mb / 18P
Zero Standby Consumption Integrated Off-Line Switcher
November 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com