Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC18V8Z Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PLC18V8Z
Description  Zero standby power CMOS versatile PAL devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PLC18V8Z Datasheet HTML 4Page - NXP Semiconductors PLC18V8Z Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z Datasheet HTML 9Page - NXP Semiconductors PLC18V8Z Datasheet HTML 10Page - NXP Semiconductors PLC18V8Z Datasheet HTML 11Page - NXP Semiconductors PLC18V8Z Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
8
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATINGS
UNIT
VCC
Supply voltage
–0.5 to +7
VDC
VCC
Operating supply voltage
4.5 to 5.5 (Industrial)
4.75 to 5.25 (Commercial)
VDC
VIN
Input voltage
–0.5 to VCC + 0.5
VDC
VOUT
Output voltage
–0.5 to VCC + 0.5
VDC
∆t/∆V
Input/clock transition rise or fall2
250
ns/V maximum
IIN
Input currents
–10 to +10
mA
IOUT
Output currents
+24
mA
Tamb
Operating temperature range
–40 to +85 (Industrial)
0 to +75 (Commercial)
°C
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device. This is a stress rating only. Functional operation at
these or any other condition above those indicated in the operational and programming specification of the device is not implied.
2. All digital circuits can oscillate or trigger prematurely when input rise and fall times are very long. When the input signal to a device is at or near
the switching threshold, noise on the line will be amplified and can cause oscillation which, if the frequency is low enough, can cause subsequent
stages to switch and give erroneous results. For this reason, Schmitt-triggers are recommended if rise/fall times are likely to exceed 250ns at
VCC = 4.5V.
THERMAL RATINGS
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise ambient to junction
75
°C
AC TEST CONDITIONS
+5V
CL
R1
R2
S1
GND
BZ
BY
INPUTS
I0
I9
BW
BX
OUTPUTS
C2
C1
DUT
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
SP00006
VOLTAGE WAVEFORMS
90%
10%
5ns
5ns
5ns
5ns
90%
10%
+3.0V
+3.0V
0V
0V
tR
tF
MEASUREMENTS:
All circuit delays are measured at the +1.5V level of inputs and outputs,
unless otherwise specified.
Input Pulses
SP00017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com