Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC18V8Z Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLC18V8Z
Description  Zero standby power CMOS versatile PAL devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z Datasheet(HTML) 2 Page - NXP Semiconductors

  PLC18V8Z Datasheet HTML 1Page - NXP Semiconductors PLC18V8Z Datasheet HTML 2Page - NXP Semiconductors PLC18V8Z Datasheet HTML 3Page - NXP Semiconductors PLC18V8Z Datasheet HTML 4Page - NXP Semiconductors PLC18V8Z Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
2
1997 Aug 08
853–2016 18258
DESCRIPTION
The PLC18V8Z is a universal PAL
® device featuring high
performance and virtually zero-standby power for power sensitive
applications. They are reliable, user-configurable substitutes for
discrete TTL/CMOS logic. While compatible with TTL and HCT
logic, the PLC18V8Z can also replace HC logic over the VCC range
of 4.5 to 5.5V.
The PLC18V8Z is a two-level logic element comprised of 10 inputs,
74 AND gates (product terms) and 8 output Macro cells.
Each output features an “Output Macro Cell” which can be
individually configured as a dedicated input, a combinatorial output,
or a registered output with internal feedback. As a result, the
PLC18V8Z is capable of emulating all common 20-pin PAL devices
to reduce documentation, inventory, and manufacturing costs.
A power-up reset function and a Register Preload function have
been incorporated in the PLC18V8Z architecture to facilitate state
machine design and testing.
With a standby current of less than 100
µA and active power
consumption of 1.5mA/MHz, the PLC18V8Z is ideally suited for
power sensitive applications in battery operated/backed portable
instruments and computers.
The PLC18V8Z is also processed to industrial requirements for
operation over an extended temperature range of -40
°C to +85°C
and supply voltage of 4.5V to 5.5V.
Ordering information can be found on the following page.
FEATURES
• 20-pin Universal Programmable Array Logic
• Virtually Zero-Standby-power
– 20
µA (typical)
• Available in DIP, PLCC, SOL (Small Outline), SSOP (Shrink Small
Outline), and TSSOP (Thin Shrink Small Outline) packages
• Functional replacement for Series 20 PAL devices
– IOL = 24mA
• Up to 18 inputs and 8 input/output macro cells
• Programmable output polarity
• Power-up reset on all registers
• Register Preload capability
• Synchronous Preset/Asynchronous Reset
• Security fuse to prevent duplication of proprietary designs
• Also available in 3V operation–the P3C18V8Z
APPLICATIONS
• Battery powered instruments
• Laptop and pocket computers
• Industrial control
• Medical Instruments
• Portable communications equipment
PIN CONFIGURATIONS
SP00544
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
D, DB, DH, N, Packages
I0/CLK
I1
I2
I3
I4
I5
I6
I7
I8
F0
GND
F1
F2
F3
F4
F5
F6
F7
VCC
I9/OE
D = Plasitc Small Outline Large Package (300mil-wide)
DB = Plastic Shrink Small Outline Package (5.3mm wide)
DH = Plastic Thin Shrink Small Outline Package (4.4mm wide)
N = Plastic Dual In-Line Package (DIP) (300mil-wide)
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
19
20
A Package
A = Plastic Leaded Chip Carrier
F0
F1
F2
F3
F4
F5
F6
F7
VCC
I9/
OE
I0/
CLK
I1
I2
I3
I4
I5
I6
I7
I8 GND
PIN DESCRIPTIONS
I
Dedicated Input
B
Bidirectional input/output
O
Dedicated output
D
Registered output (D-type flip-flop)
F
Output/Input Macrocell
CLK
Clock Input
OE
Output Enable
VCC
Supply Voltage
GND
Ground
PAL is a registered trademark of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com