Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC18V8Z Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLC18V8Z
Description  Zero standby power CMOS versatile PAL devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z Datasheet(HTML) 3 Page - NXP Semiconductors

  PLC18V8Z Datasheet HTML 1Page - NXP Semiconductors PLC18V8Z Datasheet HTML 2Page - NXP Semiconductors PLC18V8Z Datasheet HTML 3Page - NXP Semiconductors PLC18V8Z Datasheet HTML 4Page - NXP Semiconductors PLC18V8Z Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
3
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE
RANGE
ORDER CODE
DRAWING
NUMBER
20-Pin (300mil-wide) Plastic Dual In-Line Package, 25ns tPD
PLC18V8Z25N
SOT146-1
20-Pin (350mil square) Plastic Leaded Chip Carrier Package
PLC18V8Z25A
SOT380-1
20-Pin (300mil-wide) Plastic Small Outline Large Package
PLC18V8Z25D
SOT163-1
20-Pin (5.3mm-wide) Plastic Shrink Small Outline Package
PLC18V8Z25DB
SOT339-1
20-Pin (4.4mm-wide) Plastic Thin Shrink Small Outline Package
Commercial
Temperature Range
PLC18V8Z25DH
SOT360-1
20–Pin (300mil–wide) Plastic Dual In–Line Package. 35ns tPD
Temperature Range
± 5% Power Supplies
PLC18V8Z35N
SOT146–1
20–Pin (350mil square) Plastic Leaded Chip Carrier Package
PLC18V8Z35A
SOT380–1
20–Pin (300mil square) Plastic Small Outline Large Package Package
PLC18V8Z35D
SOT163–1
20–Pin (5.3mm–wide) Plastic Shrink Small Outline Package
PLC18V8Z35DB
SOT339–1
20–Pin (4.4mm–wide) Plastic Thin shrink Small Outline Package
PLC18V8Z35DH
SOT260–1
20-Pin (300mil-wide) Plastic Dual In-Line Package 25ns tPD
PLC18V8ZIAN
SOT146-1
20-Pin (350mil square) Plastic Leaded Chip Carrier Package
PLC18V8ZIAA
SOT380-1
20-Pin (300mil-wide) Plastic Small Outline Large Package
PLC18V8ZIAD
SOT163-1
20-Pin (5.3mm-wide) Plastic Shrink Small Outline Package
PLC18V8ZIADB
SOT339-1
20-Pin (4.4mm-wide) Plastic Thin Shrink Small Outline Package
Industrial
Temperature Range
PLC18V8ZIADH
SOT360-1
20–Pin (300mil–wide) Plastic Dual In–Line Package, 40ns tPD
Temperature Range
± 10% Power Supplies
PLC18V8ZIN
SOT146–1
20–Pin (350mil square) Plastic Leaded chip Carrier Package
PLC18V8ZIA
SOT380–1
20–Pin (300mil square) Plastic Small Outline Large Package
PLC18V8ZZID
SOT163–1
20–Pin (5.3mm–wide) Plastic Shrink Small Outline Package
PLC18V8ZIDB
SOT339–1
20–Pin (4.4mm–wide) Plastic Thin Shrink Small Outline Package
PLC18V8ZIDH
SOT360–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com