Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet (PDF) - Texas Instruments

PLV1812MDDFREP Datasheet PDF - Texas Instruments
Part # PLV1812MDDFREP
Download  PLV1812MDDFREP Download
File Size   1361.66 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs

PLV1812MDDFREP Datasheet (PDF)

Go To PDF Page Download Datasheet
PLV1812MDDFREP Datasheet PDF - Texas Instruments

Part # PLV1812MDDFREP
Download  PLV1812MDDFREP Click to download

File Size   1361.66 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs

PLV1812MDDFREP Datasheet (HTML) - Texas Instruments


PLV1812MDDFREP Product details

1 Features
• Extended temperature range: –55°C to +125°C
• Wide supply range: 2.4V to 40V
• Rail-to-rail input
• Power-On Reset (POR) for known start-up
• Low input offset voltage: 500μV
• 420ns typical propagation delay
• Low quiescent current: 5μA per channel
• Low input bias current: 150fA
• Push-pull output option (TLV1812-EP)
• Open-drain output option (TLV1822-EP)

2 Applications
• Airborne BMS
• Airborne Radar
• Aircraft Cockpit Display

3 Description
The TLV1812-EP and TLV1822-EP are 40V dual
channel comparators with multiple output options.
The family offers rail to-rail inputs with push-pull
or open-drain output options. These devices also
haves an excellent speed-to-power combination with
a propagation delay of 420ns with a full supply voltage
range of 2.4V to 40V and a quiescent supply current
of only 5μA per channel.
All devices include a Power-On Reset (POR) feature.
This makes sure the output is in a known state
until the minimum supply voltage has been reached
before the output responds to the inputs, thus
preventing false outputs during system power-up and
powerdown.
The TLV1812-EP device has a push-pull output stage
capable of sinking and sourcing milliamps of current
when controlling an LED or driving a capacitive load
such as a MOSFET gate. The TLV1822-EP device
has an open-drain output stage that can be pulled up
to 40V independent of comparator supply voltage.
These comparators are available in the SOT23-8
packages and are specified for the extended
temperature range of –55°C to +125°C.




Similar Part No. - PLV1812MDDFREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLV1805QDBVRQ1 TI1-PLV1805QDBVRQ1 Datasheet
623Kb / 22P
40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
PLV1831QDCKRQ1 TI-PLV1831QDCKRQ1 Datasheet
1Mb / 31P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
SEPTEMBER 2024
PLV1831QDCKRQ1 TI-PLV1831QDCKRQ1 Datasheet
1Mb / 35P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
DECEMBER 2024
PLV1831QDCKRQ1 TI1-PLV1831QDCKRQ1 Datasheet
1Mb / 38P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
DECEMBER 2024
PLV1831QDCKRQ1 TI2-PLV1831QDCKRQ1 Datasheet
1Mb / 38P
TLV183x-Q1 and TLV184x-Q1 Family of 40V, High-Speed Comparators
REVISED DECEMBER 2024
More results


Similar Description - PLV1812MDDFREP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
National Semiconductor ...
LMC7215 NSC-LMC7215_06 Datasheet
775Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
TLV1811 TI1-TLV1811_V03 Datasheet
2Mb / 46P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com