Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV1812MDDFREP Datasheet(PDF) 8 Page - Texas Instruments

Part # PLV1812MDDFREP
Description  TLV1812-EP and TLV1822-EP Enhanced Product 40V Rail-to-Rail Input Comparators with Push-Pull and Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLV1812MDDFREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button PLV1812MDDFREP Datasheet HTML 4Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 5Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 6Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 7Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 8Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 9Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 10Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 11Page - Texas Instruments PLV1812MDDFREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
4.7 Typical Characteristics
TA = 25°C, VS = 12V, RPULLUP = 2.5k, CL = 20pF, VCM = 0V, VUNDERDRIVE = 100mV, VOVERDRIVE = 100mV unless otherwise
noted.
Figure 4-1. Supply Current per Channel vs. Supply Voltage,
Output Low
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
6.0
6.5
7.0
7.5
8.0
Output High
No Load
125°C
25°C
-40°C
Figure 4-2. Supply Current per Channel vs. Supply Voltage,
Output High
Figure 4-3. Output Voltage vs. Output Sinking Current, 2.4V
Output Sourcing Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 2.4 V
P-P Output Only
125°C
25°C
-40°C
Figure 4-4. Output Voltage vs. Output Sourcing Current, 2.4V
Output Sinking Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 5 V
125°C
25°C
-40°C
Figure 4-5. Output Voltage vs. Output Sinking Current, 5V
Output Sourcing Current (A)
10
100
1m
10m
100m
1m
10m
100m
1
10
VS = 5 V
P-P Output Only
125°C
25°C
-40°C
Figure 4-6. Output Voltage vs. Output Sourcing Current, 5V
TLV1812-EP, TLV1822-EP
SNOSDJ3 – MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV1812-EP TLV1822-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com